PART |
Description |
Maker |
TLD1313EL TLD1313EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Marl International Limi... Infineon Technologies A...
|
IDT6198L20SO IDT6198L20C IDT6198L25C |
Dual High Side Driver in a 16-Lead SOIC Lead Free package x4的SRAM High and Low Side Driver has output source/sink current capability of 4A and 4A x4的SRAM
|
STMicroelectronics N.V. Bourns, Inc.
|
LTC4440ES6-5 LTC4440-5 LTC4440EMS8E-5 LTC4440EMS8E |
High Speed, High Voltage High Side Gate Driver; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Speed, High Voltage, High Side Gate Driver High Speed, High Voltage High Side Gate Driver; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.1 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
IRS2106STRPBF |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, SPLG
|
International Rectifier
|
HIP4083 HIP4083AB HIP4083AP |
80V/ 300mA Three Phase High Side Driver 80V, 300mA Three Phase High Side Driver 30000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN
|
INTERSIL[Intersil Corporation]
|
IPS5451 IPS5451S IPS5451STRL |
Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak 5-Lead Package Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
|
International Rectifier
|
MAX1614 MAX1614EUA 1669 MAX1614C_D MAX1614C/D |
High-Side / N-Channel MOSFET Switch Driver High-Side, N-Channel MOSFET Switch Driver From old datasheet system RJ11 AND RJ45 2-15 POS CRIM
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5018 MIC5018BM4 |
IttyBitty?/a> High-Side MOSFET Driver Preliminary Information IttyBitty⑩ High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver Preliminary Information IttyBitty High-Side MOSFET Driver(IttyBitty技术高边MOS场效应管驱动
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
DGD21064 DGD21064S14-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
|
Diodes Incorporated
|
L6381 L6380 1636 |
0.23 A BUF OR INV BASED MOSFET DRIVER, PDIP8 From old datasheet system HIGH VOLTAGE HIGH-SIDE DRIVER
|
STMICROELECTRONICS
|
IR2113STR IR2110 IR2110S IR2110SPBF IR2113-1 IR211 |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 16-lead SOIC package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 16-pin DIP -2 leads package
|
International Rectifier
|